Part Number Hot Search : 
1725685 TIONA MAX1206 30N3200 11014 A1105 HCT373 STUD417S
Product Description
Full Text Search
 

To Download APA2106SRCPRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SRCPRV SUPER BRIGHT RED
Features
2.1mmX0.6mm RIGHT ANGLE SMT LED, 1.0mm THICKNESS. LOW POWER CONSUMPTION. W IDE VIEW ING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2.Tolerance is 0.1(0.004") unless otherwise noted. 3.Specifications are subject to change without notice.
SPEC NO: DSAD1015 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: JUN/28/2005 DRAWN: H.Q.YUAN
PAGE: 1 OF 5 ERP: 1203000528
Selection Guide
Iv (mcd) @ 20mA Min. APA2106SRCPRV SUPER BRIGHT RED (GaAlAs) WATER CLEAR 50 Typ. 100 Viewing Angle 21/2 120
Part No.
Dice
Lens Type
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Red 100 30 155 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1015 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: JUN/28/2005 DRAWN: H.Q.YUAN
PAGE: 2 OF 5 ERP: 1203000528
Super Bright Red
APA2106SRCPRV
SPEC NO: DSAD1015 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: JUN/28/2005 DRAWN: H.Q.YUAN
PAGE: 3 OF 5 ERP: 1203000528
APA2106SRCPRV
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
SPEC NO: DSAD1015 APPROVED: J. Lu REV NO: V.6 CHECKED: Allen Liu DATE: JUN/28/2005 DRAWN: H.Q.YUAN PAGE: 4 OF 5 ERP: 1203000528
PACKING & LABEL SPECIFICATIONS
APA2106SRCPRV
SPEC NO: DSAD1015 APPROVED: J. Lu
REV NO: V.6 CHECKED: Allen Liu
DATE: JUN/28/2005 DRAWN: H.Q.YUAN
PAGE: 5 OF 5 ERP: 1203000528


▲Up To Search▲   

 
Price & Availability of APA2106SRCPRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X